Part Number Hot Search : 
MB84V MAD1108 MMDL6050 TDA8046 DSW25112 J100078 M25P40 R20100
Product Description
Full Text Search
 

To Download T-19200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  15801 chemical lane, huntington beach, ca 92649 phone: (714) 898-0960 fax: (714) 896-0971 rhombus transformers & magnetic products industries inc. name: sheet: date: rhombus p/n: cust. p/n: 1 of 1 03/22/02 T-19200 t1/e1/cept quad port flammability: materials used in the production of these units meet requirements of ul94-vo and iec 695-2-2 needle flame test. www.rhombus-ind.com parameter min. typ. max. units ocl (primary) 1 1.5 mh leakage inductance 1 0.5 m h capacitance (c w/w ) 1 35 pf primary dc resistance 0.8 ohms secondary dc resistance 0.8 ohms operating temp range -40 +85 0 c crosstalk (0.1-5mhz) -60 db cmrr (150khz-1ghz) -70 db return loss 12 db insertion loss 1.2 db isolation 1500 v rms turns ratio ( + 5% ) (pri to sec) tx 1ct : 1 (pri to sec) rx 1ct : 1 .620 (15.75) .640 (16.26) .485 (12.32) max. .045 (1.14) typ. .010 (0.25) typ. 1.120 (28.45) max. .016 (0.41) typ. .230 (5.84) max. .050 (1.27) typ. .010 (0.25) typ. 40-pin 50 mil smd package physical dimensions in inches (mm) available on tape & reel 1 3 5 7 2 4 6 8 9 10 11 12 13 14 15 16 30 31 32 33 34 35 36 37 38 39 40 28 27 26 29 25 17 18 19 20 24 23 22 21 tx rx rx tx tx rx rx tx 1. 100khz - 50mv primary pins: 1-3, 8-10, 11-13, 18-20, 38-36, 35-33, 28-26, and 25-23. schematic


▲Up To Search▲   

 
Price & Availability of T-19200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X